Part Number Hot Search : 
1858035W BA110LST 25N201 LTC1504 HL6750MG FDD6N20 AAT1120 BAT54A
Product Description
Full Text Search
 

To Download MUR1610 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mur1 6 05 thru mur1 6 60 16 amp super fast glass passivated rectifier features maximum ratings ? operating temperature: - 55 c to +155 c ? storage temperature: - 55 c to +155 c mcc catalog number device marking maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage mur1 6 05 mur1 6 05 50v 35v 50v mur1 6 10 mur1 6 10 100v 70v 100v mur1 6 20 mur1 6 20 200v 140v 200v mur1 6 40 m ur1 6 40 400v 280v 400v dimensions electrical characteristics @ 25 c unless otherwise specified average forward current i f(av) 1 6 .0a t c = 11 0 c peak forward surge current i fsm 2 50a 8.3ms, half sine maximum forward voltage drop per element maximum dc reverse current at rated dc blocking voltage i r 10u a 25 0ua t j = 25 c t j = 100 c ? glass passivated chip ? super fast switching time for hight efficiency ? low reverse leakage current ? high surge capacity 1505-15 3 0 1540-1560 a b k j i g f d n m l h pin 1 pin 2 case pin 12  inches mm      
to-220ac t j = 25 c 1 640 -1 65 0 1 66 0 1 . 3 v 1 . 5 v i fm =1 6 a t rr i f =0.5a, i r =1.0a, i rr =0.25a typical junction capacitance c j 6 5 pf measured at 1.0mhz, v r =4.0v 35ns 60ns maximum reverse recovery time 50 to 600 volts case material: molded plastic. ul flammability classification rating 94v-0 ? mur1 63 0 mur1 63 0 3 00v 2 1 0v 3 00v 1 605- 1630 v f 0.975v a 0.587 0.594 14.90 15.10 b ------- 0.412 ------- 10.50 d 0.23 0.27 5.84 6.86 f 0.14 0.16 3.56 4.06 g 0.53 0.56 13.46 14.22 h 0.195 0.205 4.95 5.20 i 0.027 0.037 0.68 0.94 j 0.014 0.025 0.35 0.64 k 0.148 0.154 3.74 3.91 l 0.175 0.185 4.44 4.70 m 0.045 0.055 1.14 1.40 n 0.10 0.11 0.35 0.64 www.kersemi.com
mur1 6 05 thru mur1 6 60 fig.1 - forward current derating curve fig.3 - typical instantaneous forward characteristics average forward rectified current, amperes 16 6 4 2 8 12 10 14 iinstantaneous forward current, amperes 1 10 100 0.1 0.4 0.2 0.6 0.8 1.0 1.2 1.4 1.6 0 0 50 100 150 case temperature, o c instantaneous forward voltage, volts fig.2 - maximum non-repetitive peak forward surge current peak forward surge current, amperes number of cycles at 60hz 0 50 100 150 200 250 1 10 100 fig.4 - typical reverse characteristics percent of rated peak reverse voltage,% instantaneous reverse current, microamperes 0.1 0 1 10 1000 100 20 40 60 80 100 fig.5 - typical junction capacitance reverse voltage, volts 0.1 10 junction capacitance, pf 1000 1.0 4.0 10 100 100 60 hz resistive or inductive load pulse width 8.3ms single half-sire-wave (jedec method) t j =25 o c pulse width=300us 1% duty cycle t j =125 o c t j =25 o c t j = 25 o c f = 1.0 mhz vsig = 50mvp-p sf16a01-sf16a03 sf16a04-sf16a05 sf16a06 www.kersemi.com


▲Up To Search▲   

 
Price & Availability of MUR1610

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X